công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 603 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 603 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 599Page - Renesas Technology Corp H8S/2437 Datasheet HTML 600Page - Renesas Technology Corp H8S/2437 Datasheet HTML 601Page - Renesas Technology Corp H8S/2437 Datasheet HTML 602Page - Renesas Technology Corp H8S/2437 Datasheet HTML 603Page - Renesas Technology Corp H8S/2437 Datasheet HTML 604Page - Renesas Technology Corp H8S/2437 Datasheet HTML 605Page - Renesas Technology Corp H8S/2437 Datasheet HTML 606Page - Renesas Technology Corp H8S/2437 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 746 page
background image
Rev. 1.00, 09/03, page 565 of 704
20.4.3
User Boot Mode
This LSI has user boot mode which is initiated with different mode pin settings from those in boot
mode or user program mode. User boot mode is a user-arbitrary boot mode, unlike boot mode that
uses the on-chip SCI.
Only the user MAT can be programmed/erased in user boot mode. Programming/erasing of the
user boot MAT should be performed only in boot mode or programmer mode.
(1) User Boot Mode Initiation
For the mode pin settings to start up user boot mode, see table 20.5.
When the reset start is executed in user boot mode, the built-in check routine runs. The user MAT
and user boot MAT states are checked by this check routine.
While the check routine is running, NMI and all other interrupts cannot be accepted.
Next, processing starts from the execution start address of the reset vector in the user boot MAT.
At this point, H'AA is set to FMATS because the execution MAT is the user boot MAT.
(2) User MAT Programming in User Boot Mode
For programming the user MAT in user boot mode, additional processing made by setting FMATS
is required: switching from user-boot-MAT selection state to user-MAT selection state, and
switching back to user-boot-MAT selection state after programming completes.
Figure 20.14 shows the procedure for programming the user MAT in user boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com