công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 605 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 605 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 601Page - Renesas Technology Corp H8S/2437 Datasheet HTML 602Page - Renesas Technology Corp H8S/2437 Datasheet HTML 603Page - Renesas Technology Corp H8S/2437 Datasheet HTML 604Page - Renesas Technology Corp H8S/2437 Datasheet HTML 605Page - Renesas Technology Corp H8S/2437 Datasheet HTML 606Page - Renesas Technology Corp H8S/2437 Datasheet HTML 607Page - Renesas Technology Corp H8S/2437 Datasheet HTML 608Page - Renesas Technology Corp H8S/2437 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 746 page
background image
Rev. 1.00, 09/03, page 567 of 704
Except for MAT switching, the programming procedure is the same as that in user program mode.
The area that can be executed in the steps of the user procedure program (on-chip RAM, user
MAT, and external space) is shown in section 20.4.4, Storable Area for Procedure Program and
Program Data.
(3) User MAT Erasing in User Boot Mode
For erasing the user MAT in user boot mode, additional processing made by setting FMATS is
required: switching from user-boot-MAT selection state to user-MAT selection state, and
switching back to user-boot-MAT selection state after erasing completes.
Figure 20.15 shows the procedure for erasing the user MAT in user boot mode.
Yes
No
Start erasing
procedure program
Set FKEY to H'A5
Yes
No
Download error processing
Set the FPEFEQ
parameter
End erasing
procedure program
FPFR = 0 ?
Initialization error processing
Disable interrupts
and bus master operation
other than CPU
Clear FKEY to 0
Set FEBS parameter
Yes
No
Clear FKEY and erasing
error processing*
Yes
Required
block erasing is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1
1
Set FMATS to value other
than H'AA to select user MAT
Set SCO to 1 and
execute download
Set FMATS to H'AA to
select user boot MAT
User-boot-MAT
selection state
Note: *The MAT must be switched by FMATS to perform
the erasing error processing in the user boot MAT.
MAT
switchover
MAT
switchover
DPFR
= 0 ?
Initialization
JSR FTDAR setting
+ 32
Programming
JSR FTDAR setting
+ 16
FPFR
= 0 ?
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Figure 20.15 Procedure for Erasing User MAT in User Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com