công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 596 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 596 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 592Page - Renesas Technology Corp H8S/2437 Datasheet HTML 593Page - Renesas Technology Corp H8S/2437 Datasheet HTML 594Page - Renesas Technology Corp H8S/2437 Datasheet HTML 595Page - Renesas Technology Corp H8S/2437 Datasheet HTML 596Page - Renesas Technology Corp H8S/2437 Datasheet HTML 597Page - Renesas Technology Corp H8S/2437 Datasheet HTML 598Page - Renesas Technology Corp H8S/2437 Datasheet HTML 599Page - Renesas Technology Corp H8S/2437 Datasheet HTML 600Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 746 page
background image
Rev. 1.00, 09/03, page 558 of 704
128-byte programming is performed in one program processing. When more than 128-byte
programming is performed, programming destination address/program data parameter is updated
in 128-byte units and programming is repeated.
When less than 128-byte programming is performed, data size must be128 bytes by adding the
invalid data. If the invalid data to be added is set to H'FF, the program processing period can be
shortened.
1. Select the on-chip program to be downloaded and specify a download destination
When the PPVS bit in FPCS is set to 1, the programming program is selected. Several
programming/erasing programs cannot be selected at one time. If several programs are set,
download is not performed and a download error is returned to the SS bit in DPFR. The start
address of a download destination is specified by FTDAR.
2. Write H'A5 to FKEY
If H'A5 is not written to FKEY for protection, 1 cannot be set to the SCO bit for a download
request.
3. Set 1 to the SCO bit in FCCS and then execute downloading
To set 1 to the SCO bit, the following conditions must be satisfied.
A H'A5 is written to FKEY.
B The SCO bit writing is executed in the on-chip RAM.
When the SCO bit is set to 1, download is started automatically. When the user procedure
program is returned, the SCO bit is cleared to 0. Therefore, the SCO bit cannot be confirmed to
be 1 in the user procedure program.
The download result can be confirmed only by the return value of DPFR. Before the SCO bit is
set to 1, incorrect determination must be prevented by setting the one byte of the start address
specified by FTDAR (to be used as DPFR) to a value other than the return value (H'FF).
When download is executed, particular interrupt processing, which is accompanied by the bank
switch as described below, is performed as internal microcomputer processing. Four NOP
instructions should be executed immediately after an instruction that sets the SCO bit to 1.
• The user-MAT space is switched to the on-chip program storage area.
• After the selection condition of the download program and the FTDAR setting are checked, the
transfer processing to the on-chip RAM specified by FTDAR is executed.
• FPCS, FECS, and the SCO bit in FCCS are cleared to 0.
• The return value is set to DPFR.
• After the on-chip program storage area is returned to the user-MAT space, the user procedure
program is returned.
• In download processing, the values of general registers of the CPU are retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com