công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 598 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 598 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 594Page - Renesas Technology Corp H8S/2437 Datasheet HTML 595Page - Renesas Technology Corp H8S/2437 Datasheet HTML 596Page - Renesas Technology Corp H8S/2437 Datasheet HTML 597Page - Renesas Technology Corp H8S/2437 Datasheet HTML 598Page - Renesas Technology Corp H8S/2437 Datasheet HTML 599Page - Renesas Technology Corp H8S/2437 Datasheet HTML 600Page - Renesas Technology Corp H8S/2437 Datasheet HTML 601Page - Renesas Technology Corp H8S/2437 Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 746 page
background image
Rev. 1.00, 09/03, page 560 of 704
• Since the stack area is used in the initialization program, 128-byte stack area at the maximum
must be saved in RAM.
• Interrupts can be accepted during the execution of the initialization program. The program
storage area and stack area in the on-chip RAM and register values must not be destroyed.
8. Check the return value in the initialization program, FPFR (general register R0L)
9. Disable all interrupts and the use of a bus master other than the CPU
The specified voltage is applied for the specified time when programming or erasing. If
interrupts occur or the bus mastership is moved to other than the CPU during this time and the
voltage is applied for more than the specified time, flash memory may be damaged. Therefore,
interrupts and bus mastership moved to other than the CPU must be disabled.
When interrupts are disabled, bit 7 (I) in the condition code register (CCR) of the CPU should
be set to B'1 in interrupt control mode 0 or bits 7 and 6 (I and UI) in CCR should be set to B
′11
in interrupt control mode 2. Then interrupts other than the NMI are retained and are not
executed.
The NMI interrupt must be masked within the user system.
The interrupts that are retained must be executed after all program processing.
10. Set FKEY to H'5A to enable the user MAT programming.
11. Set the parameter which is required for programming
The start address of the programming destination of the user MAT (FMPAR) is set to the
general register ER1. The start address of the program data area (FMPDR) is set to the general
register ER0.
• Example of the FMPAR setting
FMPAR specifies the programming destination address. When an address other than one in the
user MAT area is specified, even if the programming program is executed, programming is not
executed and an error is returned to the return value parameter FPFR. Since the unit is 128
bytes, the lower eight bits of the address must be H'00 or H
′80 as the boundary of 128 bytes.
• Example of the FMPDR setting
When the storage destination of program data is flash memory, even if the program execution
routine is executed, programming is not executed and an error is returned to FPFR. In this
case, the program data must be transferred to the on-chip RAM and then programming must be
executed.
12. Execute programming
There is an entry point of the programming program in the area from the start address specified
by FTDAR
+ 16 bytes of the on-chip RAM. The subroutine should be called and programming
should be executed by using the following steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com