| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3819 bảng dữ liệu(PDF) 166 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 bảng dữ liệu(HTML) 166 Page - Renesas Technology Corp |
|
166 / 218 page ![]() 152 2. APPLICATION MITSUBISHI MICROCOMPUTER 3819 Group 2.7 Zero cross detection circuit 3819 Group USER’S MANUAL 2.7.4 Zero cross detection circuit application example 2 Clock count using ZCR interrupt (using a noise filter) Outline : The clock is counted up every second by using the ZCR interrupts. Specifications : • f(XIN)=4 MHz • The noise filter (sampling clock : f(XIN)/256) is used. (Pulse less than 64 µs is eliminated as a noise.) • The commercial frequency (50 Hz or 60 Hz) is input. • The clock is counted up by using the ZCR interrupts. Figure 2.7.8 shows a setting of related registers. Fig. 2.7.8 Setting of related registers [Clock count using ZCR interrupt (using a noise filter)] ZCR active edge : Falling edge active (Note) INTEDGE Interrupt edge selection register (Address:3A16) 0 IREQ1 Interrupt request register 1 (Address:3C16) Set the INT1/ZCR interrupt request bit to “0” 0 ICON1 Interrupt control register 1 (Address:3E16) INT1/ZCR interrupt : Enabled 1 IREQ1 Interrupt request register 1 (Address:3C16) ZCR interrupt request Passing through the zero cross detection circuit (Note) ZCRCON Zero cross detection control register (Address:3916) 1 1 1 Noise filter sampling clock : f(XIN)/256 0 Selection of one-sided edge detection When changing the values of bit 0 of the zero cross detection control register and bit 1 of the interrupt edge selection register, make sure the following contents. 1. During changeing, set bit 1 of the interrupt control register 1 (disable ZCR interrupt) to “0”. 2. After changeing, set bit 1 of the interrupt request register 1 (no ZCR interrupt request) to “0”. However, the value of bit 1 of the interrupt request register 1 is changed with a maximum delay of 2 sampling clocks by using a noise filter. Thus, after changing, set this bit to “0” after a wait of 2 sampling clocks. Note : |