| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3819 bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 218 page ![]() 3819 Group USER’S MANUAL ix Table of contents List of tables CHAPTER 1. HARDWARE Table 1. Interrupt vector addresses and priority ......................................................................................... 17 Table 2. SCLK11 and SCLK12 selection ........................................................................................................ 29 Table 3. P67/SRDY1/CS selection ................................................................................................................ 30 Table 4. Pins in FLD automatic display mode ............................................................................................ 35 Table 5. Interrupt sources, vector addresses and interrupt priority ............................................................ 65 Table 6. Change of A-D conversion register during A-D conversion .......................................................... 67 CHAPTER 2. APPLICATION Table 2.1.1 Handling of unused pins .......................................................................................................... 71 Table 2.5.1 FLD automatic display RAM map [FLD automatic display and Key-scan segment pin] ........ 118 Table 2.5.2 FLD automatic display RAM map example [FLD automatic display and Key-scan segment pin] ......... 119 Table 2.5.3 FLD automatic display RAM map [FLD automatic display and Key-scan digit pin] ............. 125 Table 2.5.4 FLD automatic display RAM map example [FLD automatic display and Key-scan digit pin] ............... 126 Table 2.5.5 FLD automatic display RAM map example [FLD display by software] (Automatic display is not performed because of not using FLD controller) ........................... 131 Table 2.5.6 FLD automatic display RAM map [5 ! 7 dot display] ............................................................ 136 CHAPTER 3. APPENDIX Table 3.1.1 Programming adapter ............................................................................................................ 173 Table 3.1.2 Setting of programming adapter switch ................................................................................ 173 Table 3.1.3 Setting of PROM programmer address ................................................................................. 173 |