công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3819 bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp

tên linh kiện 3819
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 16Page - Renesas Technology Corp 3819 Datasheet HTML 17Page - Renesas Technology Corp 3819 Datasheet HTML 18Page - Renesas Technology Corp 3819 Datasheet HTML 19Page - Renesas Technology Corp 3819 Datasheet HTML 20Page - Renesas Technology Corp 3819 Datasheet HTML 21Page - Renesas Technology Corp 3819 Datasheet HTML 22Page - Renesas Technology Corp 3819 Datasheet HTML 23Page - Renesas Technology Corp 3819 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 218 page
background image
6
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PART NUMBERING
Package type
FP : 100P6S-A package
FS : 100D0 package
ROM number
Omitted in some types.
ROM/PROM size
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they cannot be used.
RAM size
0 : 192 bytes
1 : 256 bytes
2 : 384 bytes
3 : 512 bytes
4 : 640 bytes
5 : 768 bytes
6 : 896 bytes
7 : 1024 bytes
8 : 1536 bytes
9 : 2048 bytes
Memory type
M
E
: Mask ROM version
: EPROM or One Time PROM version
Product
M3819
FP
M
A
XXX
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More