| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3819 bảng dữ liệu(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 bảng dữ liệu(HTML) 86 Page - Renesas Technology Corp |
|
86 / 218 page ![]() 72 3819 Group USER’S MANUAL 2. APPLICATION MITSUBISHI MICROCOMPUTER 3819 Group 2.2 Timer 2.2 Timer 2.2.1 Related registers Fig. 2.2.1 Structure of Timer i (i = 1, 3, 4, 5, 6) Fig. 2.2.2 Structure of Timer 2 Timer i b7 b6 b5 b4 b3 b2 b1 b0 B Function At reset RW 0 1 2 3 4 5 6 7 1 1 1 1 1 1 1 1 Timer i (Ti) (i = 1, 3, 4, 5, 6) [Address:20 16, 2216, 2316, 2416, 2516] The count value of the Timer i is set. The value set in this register is written to both the Timer i and the Timer i latch at the same time. When the Timer i is read out, the value (count value) of the Timer i is read out. q q q Timer 2 b7 b6 b5 b4 b3 b2 b1 b0 B Function At reset RW 0 1 2 3 4 5 6 7 1 0 0 0 0 0 0 0 Timer 2 (T2) [Address:2116] The count value of the Timer 2 is set. The value set in this register is written to both the Timer 2 and the Timer 2 latch at the same time. When the Timer 2 is read out, the value (count value) of the Timer 2 is read out. q q q |