công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3819 bảng dữ liệu(PDF) 167 Page - Renesas Technology Corp

tên linh kiện 3819
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 bảng dữ liệu(HTML) 167 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 163Page - Renesas Technology Corp 3819 Datasheet HTML 164Page - Renesas Technology Corp 3819 Datasheet HTML 165Page - Renesas Technology Corp 3819 Datasheet HTML 166Page - Renesas Technology Corp 3819 Datasheet HTML 167Page - Renesas Technology Corp 3819 Datasheet HTML 168Page - Renesas Technology Corp 3819 Datasheet HTML 169Page - Renesas Technology Corp 3819 Datasheet HTML 170Page - Renesas Technology Corp 3819 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 218 page
background image
153
2. APPLICATION
3819 Group USER’S MANUAL
MITSUBISHI MICROCOMPUTER
3819 Group
2.7 Zero cross detection circuit
Control procedure : Œ Set the related registers according to Figure 2.7.8.
 At the falling edge of the commercial frequency (50 Hz or 60 Hz), the ZCR interrupt occurs.
Ž The clock is counted up every second in the ZCR interrupt processing routine.
Figure 2.7.9 shows a control procedure.
Fig. 2.7.9 Control procedure [Clock count using ZCR interrupt (using a noise filter)]
ZCR interrupt processing routine (Note 1)
CLT (Note 2)
CLD (Note 3)
Push register to stack
RTI
~
~
RESET
Initialization
SEI
CLT
CLD
CPUM
ZCRCON
Wait of 2 sampling clocks
IREQ1
NOP
ICON1
1 second counter
(Internal RAM)
CLI
(Address:3B16), bit6
(Address:3916)
(Address:3C16), bit1
(Address:3E16), bit1
0
000000012
0
1
50(60)
= 0
1 second counter = 0?
1 second counter – 1
1 second counter
50(60)
Clock count up (second–year)
Pop registers
All interrupts : Disabled
Main clock division ratio : select the high-speed
mode
Setting of the Zero cross detection control register
Set the INT1/ZCR interrupt request bit to “0”
ZCR interrupt : Enabled
Input 50 Hz (60 Hz)
Interrupts : Enabled
Note 2 : When using the index X mode flag (T).
Note 3 : When using the decimal mode flag (D).
Push into the register used in the interrupt
processing routine.
Input 50 Hz (60 Hz)
Pop registers which is pushed to stack
Note 1 : The ZCR interrupt occurs with delay of the
Zero cross by a minimum of 1 sampling
clock or a maximum of 2 sampling clocks
because a noise filter is used.
q
q
q
q
q
q
q
q
q
q
≠ 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More