| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3819 bảng dữ liệu(PDF) 164 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 bảng dữ liệu(HTML) 164 Page - Renesas Technology Corp |
|
164 / 218 page ![]() 150 2. APPLICATION MITSUBISHI MICROCOMPUTER 3819 Group 2.7 Zero cross detection circuit 3819 Group USER’S MANUAL 2.7.3 Zero cross detection circuit application example 1 Clock count using ZCR interrupt (without using a noise filter) Outline : The clock is counted up every second by using the ZCR interrupts. Specifications : • The noise filter is not used. • The commercial frequency (50 Hz or 60 Hz) is input. • The clock is counted up by using the ZCR interrupts. Figure 2. 7. 6 shows a setting of related registers. Fig. 2.7.6 Setting of related registers [Clock count using ZCR interrupt (without using a noise filter)] Passing through the zero cross detection circuit ( Note) ZCRCON Zero cross detection control register (Address:3916) 1 0 0 Noise filter sampling clock : without using a noise filter ZCR active edge : Falling edge active ( Note) INTEDGE Interrupt edge selection register (Address:3A16) 0 IREQ1 Interrupt request register 1 (Address:3C16 ) Set the INT1/ZCR interrupt request bit to “0” 0 ICON1 Interrupt control register 1 (Address:3E16 ) INT1/ZCR interrupt : Enabled 1 IREQ1 Interrupt request register 1 (Address:3C16 ) ZCR interrupt request When changing the values of bit 0 of the zero cross detection control register and bit 1 of the interrupt edge selection register, make sure the following contents. 1. During changeing, set bit 1 of the interrupt control register 1 to “0”. 2. After changeing, set bit 1 of the interrupt request register 1 to “0”. Note : |