công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 765 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 765 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 761Page - Renesas Technology Corp H8S/20223 Datasheet HTML 762Page - Renesas Technology Corp H8S/20223 Datasheet HTML 763Page - Renesas Technology Corp H8S/20223 Datasheet HTML 764Page - Renesas Technology Corp H8S/20223 Datasheet HTML 765Page - Renesas Technology Corp H8S/20223 Datasheet HTML 766Page - Renesas Technology Corp H8S/20223 Datasheet HTML 767Page - Renesas Technology Corp H8S/20223 Datasheet HTML 768Page - Renesas Technology Corp H8S/20223 Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 739 of 962
REJ09B0465-0100
• WAIT bit (wait insertion)
In master mode with the I
2C bus format, this bit selects whether to insert a wait after data
transfer except the acknowledge bit. When WAIT is set to 1, after the fall of the clock for the
final data bit, low period is extended for two transfer clocks. If WAIT is cleared to 0, data and
acknowledge bits are transferred consecutively with no wait inserted.
The setting of this bit is invalid in slave mode with the I
2C bus format or with the clock
synchronous serial format.
• BCWP bit (BC write protect)
Controls the BC2 to BC0 modifications. When modifying BC2 to BC0, this bit should be
cleared to 0 and use the MOV instruction. In clock synchronous serial mode, BC should not be
modified.
• BC[2:0] bits (bit counter 2 to 0)
Specifies the number of bits to be transferred next. When read, the remaining number of
transfer bits is indicated. With the I
2C bus format, the data is transferred with one additional
acknowledge bit. Bit BC2 to BC0 should be set during an interval between transfer frames. If
bits BC2 to BC0 are set to a value other than 000, the setting should be made while the SCL
pin is low. The value automatically returns to 000 at the end of a data transfer, including the
acknowledge bit. With the clock synchronous serial format, these bits should not be modified.
21.2.5
I
2C Bus Interrupt Enable Register (ICIER)
Address:
Bit:
Value after reset:
b7
TIE
0
b6
TEIE
0
b5
RIE
0
b4
NAKIE
0
b3
STIE
0
b2
ACKE
0
b1
ACKBR
0
b0
ACKBT
0
H'FF05CB
Bit
Symbol
Bit Name
Description
R/W
7
TIE
Transmit
interrupt enable
0: Transmit data empty interrupt request (TXI) is
disabled.
1: Transmit data empty interrupt request (TXI) is
enabled.
R/W
6
TEIE
Transmit end
interrupt enable
0: Transmit end interrupt request (TEI) is disabled.
1: Transmit end interrupt request (TEI) is enabled.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com