công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 769 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 769 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 765Page - Renesas Technology Corp H8S/20223 Datasheet HTML 766Page - Renesas Technology Corp H8S/20223 Datasheet HTML 767Page - Renesas Technology Corp H8S/20223 Datasheet HTML 768Page - Renesas Technology Corp H8S/20223 Datasheet HTML 769Page - Renesas Technology Corp H8S/20223 Datasheet HTML 770Page - Renesas Technology Corp H8S/20223 Datasheet HTML 771Page - Renesas Technology Corp H8S/20223 Datasheet HTML 772Page - Renesas Technology Corp H8S/20223 Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 743 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
2
AL_OVE
Arbitration lost
flag/overrun error
flag
[Setting conditions]
• If the internal SDA and SDA pin disagree at the
rise of SCL in master transmit mode
• When the SDA pin outputs high in master mode
while a start condition is detected
• When the final bit is received with the clock
synchronous format while RDRF = 1
[Clearing condition]
• When 0 is written in AL/OVE after reading AL/OVE
= 1
R/W
1
AAS
Slave address
recognition flag
[Setting conditions]
• When the slave address is detected in slave
receive mode
• When the general call address is detected in slave
receive mode.
[Clearing condition]
• When 0 is written in AAS after reading AAS = 1
R/W
0
ADZ
General call
address
recognition flag
This bit is enabled in slave receive mode with I
2C bus
format.
[Setting condition]
• When the general call address is detected in slave
receive mode
[Clearing condition]
• When 0 is written in ADZ after reading ADZ = 1
R/W
Notes: In standby mode, ICSR is reset.
*
The DTC clears the peripheral module flags when all of the following three conditions
are satisfied.
1.
When the DISEL bit is 0.
2.
When the transfer counter is not 0. (DTC transfer count register A (CRA) in normal
mode and repeat mode, or DTC transfer count register B (CRB) in block mode)
3.
When chain transfer is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com