công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 81 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 81 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 77Page - Renesas Technology Corp H8S/20223 Datasheet HTML 78Page - Renesas Technology Corp H8S/20223 Datasheet HTML 79Page - Renesas Technology Corp H8S/20223 Datasheet HTML 80Page - Renesas Technology Corp H8S/20223 Datasheet HTML 81Page - Renesas Technology Corp H8S/20223 Datasheet HTML 82Page - Renesas Technology Corp H8S/20223 Datasheet HTML 83Page - Renesas Technology Corp H8S/20223 Datasheet HTML 84Page - Renesas Technology Corp H8S/20223 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 55 of 962
REJ09B0465-0100
Table 2.12
Absolute Address Access Ranges
Absolute Address
Advanced Mode
Data address
8 bits (@aa:8)
H'FFFF00 to H'FFFFFF
16 bits (@aa:16)
H'000000 to H'007FFF, H'FF8000 to H'FFFFFF
32 bits (@aa:32)
H'000000 to H'FFFFFF
Program instruction address
24 bits (@aa:24)
2.7.6
Immediate—#xx:8, #xx:16, or #xx:32
The 8-bit (#xx:8), 16-bit (#xx:16), or 32-bit (#xx:32) immediate data contained in an instruction
code can be used directly as an operand.
The ADDS, SUBS, INC, and DEC instructions implicitly contain immediate data in their
instruction codes. Some bit manipulation instructions contain 3-bit immediate data in the
instruction code, specifying a bit number. The TRAPA instruction contains 2-bit immediate data
in its instruction code, specifying a vector address.
2.7.7
Program-Counter Relative—@(d:8, PC) or @(d:16, PC)
This mode can be used by the Bcc and BSR instructions. An 8-bit or 16-bit displacement
contained in the instruction code is sign-extended to 24 bits and added to the 24-bit address
indicated by the PC value to generate a 24-bit branch address. Only the lower 24 bits of this
branch address are valid; the upper 8 bits are all assumed to be 0 (H'00). The PC value to which
the displacement is added is the address of the first byte of the next instruction, so the possible
branching range is –126 to +128 bytes (–63 to +64 words) or –32766 to +32768 bytes (–16383 to
+16384 words) from the branch instruction. The resulting value should be an even number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com