công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 90 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 90 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 86Page - Renesas Technology Corp H8S/20223 Datasheet HTML 87Page - Renesas Technology Corp H8S/20223 Datasheet HTML 88Page - Renesas Technology Corp H8S/20223 Datasheet HTML 89Page - Renesas Technology Corp H8S/20223 Datasheet HTML 90Page - Renesas Technology Corp H8S/20223 Datasheet HTML 91Page - Renesas Technology Corp H8S/20223 Datasheet HTML 92Page - Renesas Technology Corp H8S/20223 Datasheet HTML 93Page - Renesas Technology Corp H8S/20223 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 992 page
background image
Section 3 Exception Handling
Rev. 1.00 Oct. 03, 2008 Page 64 of 962
REJ09B0465-0100
3.3
Reset
A reset has the highest exception handling priority. When the
RES pin goes low, all processing
halts and this LSI enters the reset. To ensure that this LSI is reset, hold the
RES pin low for the
specified time at power-on and during operation, hold the
RES pin low for the specified time. A
reset initializes the internal state of the CPU and the registers of on-chip peripheral modules, and
selects low-speed on-chip oscillator as a system clock. The chip can also be reset by detection of
the low-voltage, overflow of the watchdog timer, or software.
The interrupt control mode is 0 immediately after reset.
3.3.1
Reset Sources
This LSI enters the reset state by reset sources listed in table 3.2. If multiple reset sources occur
simultaneously, a reset source having the highest priority will be accepted. A reset source can be
identified by reading the reset source flag register (RSTFR).
For details on a low-voltage detection reset, see section 26, Low-Voltage Detection Circuits. For
details on a watchdog timer overflow reset, see section 19, Watchdog Timer (WDT).
Table 3.2
List of Reset Sources
Reset Source
Description
Priority
Reset by
RES pin
This LSI enters the reset state if the
RES pin is held low for
at least a specified period.
High
Low-voltage detection
reset
This LSI enters the reset state if the power voltage
becomes the specified voltage or lower.
Watchdog timer overflow
reset
This LSI enters the reset state if the counter in the
watchdog timer overflows.
Software reset
This LSI enters the reset state if the SRST bit in RSTCR is
set to 1.
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com