công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 91 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 91 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 87Page - Renesas Technology Corp H8S/20223 Datasheet HTML 88Page - Renesas Technology Corp H8S/20223 Datasheet HTML 89Page - Renesas Technology Corp H8S/20223 Datasheet HTML 90Page - Renesas Technology Corp H8S/20223 Datasheet HTML 91Page - Renesas Technology Corp H8S/20223 Datasheet HTML 92Page - Renesas Technology Corp H8S/20223 Datasheet HTML 93Page - Renesas Technology Corp H8S/20223 Datasheet HTML 94Page - Renesas Technology Corp H8S/20223 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 992 page
background image
Section 3 Exception Handling
Rev. 1.00 Oct. 03, 2008 Page 65 of 962
REJ09B0465-0100
(1) Reset Source Flag Register (RSTFR)
b7
0
b6
0
b5
SWRST
(0)
b4
PRST
(0)
b3
LVD2RST
(0)
b2
LVD1RST
(0)
b1
PORRST
(0)
b0
WRST
(0)
H'FF0620
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
6
Reserved
This bit is read as 0. The write value should be 0.
5
SWRST
Software reset
detection flag
1: Indicates that a reset by a software reset occurs.
0: Indicates that a reset by a software reset does
not occur.
R/W
4
PRST
RES pin reset
detection flag
1: Indicates that a reset by a
RES pin reset occurs.
0: Indicates that a reset by a
RES pin reset does
not occur.
R/W
3
LVD2RST
LVD2 reset
detection flag
1: Indicates that a reset by a LVD2 reset occurs.
0: Indicates that a reset by a LVD2 reset does not
occur.
R/W
2
LVD1RST
LVD1 reset
detection flag
1: Indicates that a reset by a LVD1 reset occurs.
0: Indicates that a reset by a LVD1 reset does not
occur.
R/W
1
PORRST
LVD0 reset
detection flag
1: Indicates that a reset by a LVD0 reset occurs.
0: Indicates that a reset by a LVD0 reset does not
occur.
R/W
0
WRST
Watchdog timer
reset detection
flag
1: Indicates that a reset by a watchdog timer
overflows.
0: Indicates that a reset by a watchdog timer does
not occur.
R/W
Note:
Each flag in this register can be cleared by writing 0 to it. The write value to the reserved
bits should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com