công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 4Page - Renesas Technology Corp H8S/20223 Datasheet HTML 5Page - Renesas Technology Corp H8S/20223 Datasheet HTML 6Page - Renesas Technology Corp H8S/20223 Datasheet HTML 7Page - Renesas Technology Corp H8S/20223 Datasheet HTML 8Page - Renesas Technology Corp H8S/20223 Datasheet HTML 9Page - Renesas Technology Corp H8S/20223 Datasheet HTML 10Page - Renesas Technology Corp H8S/20223 Datasheet HTML 11Page - Renesas Technology Corp H8S/20223 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 992 page
background image
Rev. 1.00 Oct. 03, 2008 Page viii of xxvi
4. Description of Abbreviations
The abbreviations used in this manual are listed below.
• Abbreviations specific to this product
Abbreviation
Description
BSC
Bus controller
CPG
Clock pulse generator
INT
Interrupt controller
SCI
Serial communications interface
TPU
16-bit timer pulse unit
WDT
Watchdog timer
• Abbreviations other than those listed above
Abbreviation
Description
ACIA
Asynchronous communications interface adapter
bps
Bits per second
CRC
Cyclic redundancy check
DMA
Direct memory access
DMAC
Direct memory access controller
GSM
Global System for Mobile Communications
Hi-Z
High impedance
IEBus
Inter Equipment Bus (IEBus is a trademark of NEC Electronics Corporation.)
I/O
Input/output
IrDA
Infrared Data Association
LSB
Least significant bit
MSB
Most significant bit
NC
No connection
PLL
Phase-locked loop
PWM
Pulse width modulation
SFR
Special function register
SIM
Subscriber Identity Module
UART
Universal asynchronous receiver/transmitter
VCO
Voltage-controlled oscillator
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com