công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 767 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 767 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 763Page - Renesas Technology Corp H8S/20223 Datasheet HTML 764Page - Renesas Technology Corp H8S/20223 Datasheet HTML 765Page - Renesas Technology Corp H8S/20223 Datasheet HTML 766Page - Renesas Technology Corp H8S/20223 Datasheet HTML 767Page - Renesas Technology Corp H8S/20223 Datasheet HTML 768Page - Renesas Technology Corp H8S/20223 Datasheet HTML 769Page - Renesas Technology Corp H8S/20223 Datasheet HTML 770Page - Renesas Technology Corp H8S/20223 Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 741 of 962
REJ09B0465-0100
• NAKIE bit (NACK receive interrupt enable)
This bit enables or disables the NACK receive interrupt request (NAKI) and the overrun error
(setting of the OVE bit in ICSR) interrupt request (ERI) with the clock synchronous format,
when the NACKF and AL bits in ICSR are set to 1. NAKI can be canceled by clearing the
NACKF, OVE, or NAKIE bit to 0.
• STIE bit (stop condition detection interrupt enable)
This bet should be set to 1 while the STOP bit in ICSR is 0.
• ACKBR bit (receive acknowledge)
In transmit mode, this bit stores the acknowledge data that are returned by the receive device.
This bit cannot be modified.
• ACKBT bit (transmit acknowledge)
In receive mode, this bit specifies the bit to be sent at the acknowledge timing.
21.2.6
I
2C Bus Status Register (ICSR)
Address:
Bit:
Value after reset:
b7
TDRE
0
b6
TEND
0
b5
RDRF
0
b4
NACKF
0
b3
STOP
0
b2
AL_OVE
0
b1
AAS
0
b0
ADZ
0
H'FF05CC
Bit
Symbol
Bit Name
Description
R/W
7
TDRE
Transmit data
empty flag
[Setting conditions]
• When data is transferred from ICDRT to ICDRS
and ICDRT becomes empty
• When TRS is set
• When a start condition (including re-transfer) has
been issued
• When transmit mode is entered from receive
mode in slave mode
[Clearing conditions]
• When 0 is written in TDRE after reading
TDRE = 1
• When data is written to ICDRT with an instruction
• When the DTC transfers data to ICDRT by a TXI
interrupt request, and the DTC settings satisfy
the flag clearing conditions.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com