công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 763 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 763 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 759Page - Renesas Technology Corp H8S/20223 Datasheet HTML 760Page - Renesas Technology Corp H8S/20223 Datasheet HTML 761Page - Renesas Technology Corp H8S/20223 Datasheet HTML 762Page - Renesas Technology Corp H8S/20223 Datasheet HTML 763Page - Renesas Technology Corp H8S/20223 Datasheet HTML 764Page - Renesas Technology Corp H8S/20223 Datasheet HTML 765Page - Renesas Technology Corp H8S/20223 Datasheet HTML 766Page - Renesas Technology Corp H8S/20223 Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 737 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
4
SDAOP
SDAO write
protect
This bit controls change of output level of the SDA
pin by modifying the SDAO bit. To change the
output level, clear SDAO and SDAOP to 0 or set
SDAO to 1 and clear SDAOP to 0 by the MOV
instruction. This bit is always read as 1.
R/W
3
SCLO
SCL output
level monitor
This bit monitors SCL output level. When reading
and SCLO is 1, SCL pin outputs high. When
reading and SCLO is 0, SCL pin outputs low.
R
2
Reserved
This bit is read as 1. The write value should be 1.
1
IICRST*
2
IIC control part
reset
This bit resets the control part except for I
2C
registers. If this bit is set to 1 when hang-up occurs
because of communication failure during I
2C
operation, I
2C control part can be reset without
setting ports and initializing registers.
R/W
0
Reserved
This bit is read as 1. The write value should be 1.
Note:
1. In standby mode, the BBSY bit in ICCR2 is reset.
2. Clear IICRST to 0 by software since this bit is not cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com