công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 759 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 759 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 755Page - Renesas Technology Corp H8S/20223 Datasheet HTML 756Page - Renesas Technology Corp H8S/20223 Datasheet HTML 757Page - Renesas Technology Corp H8S/20223 Datasheet HTML 758Page - Renesas Technology Corp H8S/20223 Datasheet HTML 759Page - Renesas Technology Corp H8S/20223 Datasheet HTML 760Page - Renesas Technology Corp H8S/20223 Datasheet HTML 761Page - Renesas Technology Corp H8S/20223 Datasheet HTML 762Page - Renesas Technology Corp H8S/20223 Datasheet HTML 763Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 733 of 962
REJ09B0465-0100
21.2.1
IIC2/SSU Select Register (ICSUSR)
Address:
Bit:
Value after reset:
b7
0
b6
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
SELICSU
0
H'FF000B
Bit
Symbol
Bit Name
Description
R/W
7 to 1
Reserved
These bits are read as 0. The write value should
be 0.
0
SELICSU
IIC2/SSU
module function
select
0: IIC2 function is selected.*
1: SSU function is selected.
R/W
Note:
To select the IIC2 function, this bit should be set to 0 without fail.
21.2.2
I
2C Bus Control Register 1 (ICCR1)
Address:
Bit:
Value after reset:
b7
ICE
0
b6
RCVD
0
b5
MST
0
b4
TRS
0
b3
0
b2
0
b1
0
b0
0
H'FF05C8
CKS[3:0]
Bit
Symbol
Bit Name
Description
R/W
7
ICE
I
2C bus
interface 2
enable
0: This module is stopped. (SCL and SDA pins are
set to port function.)
1: This bit is enabled for transfer operations. (SCL
and SDA pins are bus drive state.)
R/W
6
RCVD
Reception
disable
0: Enables next reception
1: Disables next reception
R/W
5
MST
Master/slave
select
R/W
4
TRS
Transmit/
receive select
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
R/W
3 to 0 CKS[3:0]
Transfer clock
select 3 to 0
These bits should be set according to the necessary
transfer rate (see table 21.2) in master mode.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com