công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20223 bảng dữ liệu(PDF) 762 Page - Renesas Technology Corp

tên linh kiện H8S/20223
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 bảng dữ liệu(HTML) 762 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 758Page - Renesas Technology Corp H8S/20223 Datasheet HTML 759Page - Renesas Technology Corp H8S/20223 Datasheet HTML 760Page - Renesas Technology Corp H8S/20223 Datasheet HTML 761Page - Renesas Technology Corp H8S/20223 Datasheet HTML 762Page - Renesas Technology Corp H8S/20223 Datasheet HTML 763Page - Renesas Technology Corp H8S/20223 Datasheet HTML 764Page - Renesas Technology Corp H8S/20223 Datasheet HTML 765Page - Renesas Technology Corp H8S/20223 Datasheet HTML 766Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 736 of 962
REJ09B0465-0100
21.2.3
I
2C Bus Control Register 2 (ICCR2)
Address:
Bit:
Value after reset:
b7
BBSY
0
b6
SCP
1
b5
SDAO
1
b4
SDAOP
1
b3
SCLO
1
b2
1
b1
IICRST
0
b0
1
H'FF05C9
Bit
Symbol
Bit Name
Description
R/W
7
BBSY*
1
Bus busy
This bit enables to confirm whether the I
2C bus is
occupied or released and to issue start/stop
conditions in master mode. With the clock
synchronous serial format, this bit has no meaning.
With the I
2C bus format, this bit is set to 1 when the
SDA level changes from high to low under the
condition of SCL = high, assuming that the start
condition has been issued. This bit is cleared to 0
when the SDA level changes from low to high under
the condition of SCL = high, assuming that the stop
condition has been issued. Write 1 to BBSY and 0
to SCP to issue a start condition. Follow this
procedure when also re-transmitting a start
condition. Write 0 in BBSY and 0 in SCP to issue a
stop condition. To issue start/stop conditions, use
the MOV instruction.
R/W
6
SCP
Start/stop
condition issue
disable
The SCP bit controls the issue of start/stop
conditions in master mode. To issue a start
condition, write 1 in BBSY and 0 in SCP. A
retransmit start condition is issued in the same way.
To issue a stop condition, write 0 in BBSY and 0 in
SCP. This bit is always read as 1. If 1 is written, the
data is not stored.
R/W
5
SDAO
SDA output
value control
This bit is used with SDAOP (bit 4) when modifying
output level of SDA. This bit should not be
manipulated during transfer.
0: When reading, SDA pin outputs low.
When writing, SDA pin is changed to output low.
1: When reading, SDA pin outputs high.
When writing, SDA pin is changed to output Hi-Z
(outputs high by external pull-up resistance).
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com