công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1188 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1188 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1184Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1185Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1186Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1187Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1188Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1189Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1190Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1191Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1188 / 1376 page
background image
Section 24 Clock Pulse Generator
Rev. 1.00 Sep. 19, 2008 Page 1158 of 1342
REJ09B0467-0100
24.2
Oscillator
Clock pulses can be supplied by connecting a crystal resonator, or by input of an external clock.
24.2.1
Connecting a Crystal Resonator
A crystal resonator can be connected as shown in the example in figure 24.2. Select the damping
resistance R
d according to table 24.1. An AT-cut parallel-resonance type should be used. When a
crystal resonator is used, the range of its frequencies is from 8 to 20 MHz.
Figure 24.3 shows the equivalent circuit of the crystal resonator. Use a crystal resonator that has
the characteristics shown in table 24.2.
EXTAL
XTAL
Rd
CL2
CL1
CL1 = CL2 = 10 to 22 pF
Figure 24.2 Connection of Crystal Resonator (Example)
Table 24.1
Damping Resistance Value
Frequency (MHz)
8
12
16
20
R
d (Ω)
200
0
0
0
XTAL
CL
AT-cut parallel-resonance type
EXTAL
C0
LRs
Figure 24.3 Crystal Resonator Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com