công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1086 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1086 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1084Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1085Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1090Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1086 / 1376 page
background image
Section 19 D/A Converter
Rev. 1.00 Sep. 19, 2008 Page 1056 of 1342
REJ09B0467-0100
19.4
Operation
The D/A converter includes D/A conversion circuits for two channels, each of which can operate
independently. When DAOE bit in DACR23 is set to 1, D/A conversion is enabled and the
conversion result is output. The following shows an example of D/A conversion on channel 2.
Figure 19.2 shows the timing of this operation.
1. Write the conversion data to DADR2.
2. Set the DAOE2 bit in DACR23 to 1. D/A conversion is started. The conversion result is output
from the analog output pin DA2 after the conversion time t
DCONV has elapsed. The conversion
result is continued to output until DADR2 is written to again or the DAOE2 bit is cleared to 0.
The output value is expressed by the following formula:
DADR contents
256
× Vref
3. If DADR2 is written to again, the conversion is immediately started. The conversion result is
output after the conversion time t
DCONV has elapsed.
4. If the DAOE2 bit is cleared to 0, analog output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com