công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1084 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1084 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1080Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1081Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1082Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1083Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1084Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1085Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1088Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1084 / 1376 page
background image
Section 19 D/A Converter
Rev. 1.00 Sep. 19, 2008 Page 1054 of 1342
REJ09B0467-0100
19.3.2
D/A Control Register 23 (DACR23)
DACR23 controls the operation of channels 2 and 3 in the D/A converter.
Bit
Bit Name
Initial
Value
R/W
Description
7
DAOE3
0
R/W
D/A Output Enable 3
Controls D/A conversion and analog output.
0: Channel 3 analog output (DA3) is disabled.
1: Channel 3 D/A conversion is enabled; channel 3
analog output (DA3) is enabled.
6
DAOE2
0
R/W
D/A Output Enable 2
Controls D/A conversion and analog output.
0: Channel 2 analog output (DA2) is disabled.
1: Channel 2 D/A conversion is enabled; channel 2
analog output (DA2) is enabled.
5
DAE
0
R/W
D/A Enable
This bit is used together with the DAOE2 and DAOE3
bits to control D/A conversion. When the DAE bit is
cleared to 0, channel 2 and 3 D/A conversions are
controlled independently. When the DAE bit is set to 1,
channel 2 and 3 D/A conversions are controlled
together.
Output of conversion results is always controlled
independently by the DAOE2 and DAOE3 bits. For
details, see table 19.2.
4 to 0
—
All 1
—
Reserved
These bits are always read as 1 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com