công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1089 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1089 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1085Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1086Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1087Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1088Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1089Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1090Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1091Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1092Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1093Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1089 / 1376 page
background image
Section 20 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1059 of 1342
REJ09B0467-0100
Section 20 Synchronous Serial Communication Unit (SSU)
This LSI has one channel of synchronous serial communication unit (SSU). The SSU has master
mode in which this LSI outputs clocks as a master device for synchronous serial communication
and slave mode in which clocks are input from an external device for synchronous serial
communication. Synchronous serial communication can be performed with devices having
different clock polarity and clock phase. Figure 20.1 is a block diagram of the SSU.
20.1
Features
• Choice of SSU mode and clock synchronous mode
• Choice of master mode and slave mode
• Choice of standard mode and bidirectional mode
• Synchronous serial communication with devices with different clock polarity and clock phase
• Choice of 8/16/24/32-bit width of transmit/receive data
• Full-duplex communication capability
The shift register is incorporated, enabling transmission and reception to be executed
simultaneously.
• Consecutive serial communication
• Choice of LSB-first or MSB-first transfer
• Choice of a clock source
Seven internal clocks (
φ/4, φ/8, φ/16, φ/32, φ/64, φ/128, φ/256) or an external clock
• Five interrupt sources
Transmit-end, transmit-data-register-empty, receive-data-full, overrun-error, and conflict error
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com