công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1044 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1044 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1044Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1045Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1046Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1047Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1048Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1044 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 1014 of 1342
REJ09B0467-0100
17.5
Interrupt Request
There are six interrupt requests in this module; transmit data empty, transmit end, receive data full,
NACK detection, STOP recognition, and arbitration lost. Table 17.3 shows the contents of each
interrupt request.
Table 17.3
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
Transmit Data Empty
TXI
(TDRE=1) • (TIE=1)
Transmit End
TEI
(TEND=1) • (TEIE=1)
Receive Data Full
RXI
(RDRF=1) • (RIE=1)
STOP Recognition
STPI
(STOP=1) • (STIE=1)
NACK Detection
Arbitration Lost
NAKI
{(NACKF=1)+(AL=1)} • (NAKIE=1)
Interrupt exception handling is performed when the interrupt conditions listed in table 17.3 are set
to 1 and the CPU is ready to accept interrupts. During exception handling, the interrupt sources
should be cleared. Note, however, that TDRE and TEND are automatically cleared by writing
transmit data to ICDRT, and RDRF is automatically cleared by reading data from ICDRR. In
particular, if TDRE is set at the same time transmit data is written to ICDRT, and then TDRE is
cleared again, an extra byte of data may be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com