công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 1040 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 1040 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 1036Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1037Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1038Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1039Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1040Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1041Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1042Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1043Page - Renesas Technology Corp H8S/2454 Datasheet HTML 1044Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1040 / 1376 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Sep. 19, 2008 Page 1010 of 1342
REJ09B0467-0100
BBSY=0 ?
No
TEND=1 ?
No
Yes
Start
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
[13]
[14]
[15]
Initialize
Set MST = 1 and TRS
= 1 in ICCRA.
Write BBSY = 1
and SCP = 0.
Write transmit data
in ICDRT
Write BBSY = 0
and SCP = 0
Set MST = 0 and TRS
= 0 in ICCRA
Read BBSY in ICCRB
Read TEND in ICSR
Read ACKBR in ICIER
Master receive mode
Yes
ACKBR=0 ?
Write transmit data in ICDRT
Read TDRE in ICSR
Read TEND in ICSR
Clear TEND in ICSR
Read STOP in ICSR
Clear TDRE in ICSR
End
Write transmit data in ICDRT
Transmit
mode?
No
Yes
TDRE=1 ?
Final byte?
STOP=1 ?
No
No
No
No
No
Yes
Yes
TEND=1 ?
Yes
Yes
Yes
[1]
Test the status of the SCL and SDA lines.
[2]
Select master transmit mode.
[3]
Start condition issuance.
[4]
Select transmit data for the first byte (slave address + R/W).
[5]
Wait for 1 byte to be transmitted.
[6]
Test the acknowledge bit, transferred from the specified slave device.
[7]
Set transmit data for the second and subsequent data (except for the final byte).
[8]
Wait for ICDRT empty.
[9]
Set the final byte of transmit data.
[10] Wait for the completion of transmission for the final byte.
[11] Clear TEND flag.
[12] Clear STOP flag.
[13] Stop condition issuance.
[14] Wait for the generation of the stop condition.
[15] Set slave receive mode. Clear TDRE.
[12]
Clear STOP in ICSR
Figure 17.14 Sample Flowchart for Master Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com