công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 855 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 855 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 851Page - Renesas Technology Corp H8S/2454 Datasheet HTML 852Page - Renesas Technology Corp H8S/2454 Datasheet HTML 853Page - Renesas Technology Corp H8S/2454 Datasheet HTML 854Page - Renesas Technology Corp H8S/2454 Datasheet HTML 855Page - Renesas Technology Corp H8S/2454 Datasheet HTML 856Page - Renesas Technology Corp H8S/2454 Datasheet HTML 857Page - Renesas Technology Corp H8S/2454 Datasheet HTML 858Page - Renesas Technology Corp H8S/2454 Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1376 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 825 of 1342
REJ09B0467-0100
Section 15 Serial Communication Interface (SCI, IrDA)
This LSI has five independent serial communication interface (SCI) channels. The SCI can handle
both asynchronous and clocked synchronous serial communication. Serial data communication
can be carried out with standard asynchronous communication chips such as a Universal
Asynchronous Receiver/Transmitter (UART) or Asynchronous Communication Interface Adapter
(ACIA). A function is also provided for serial communication between processors (multiprocessor
communication function) in asynchronous mode. The SCI also supports an IC card (Smart Card)
interface conforming to ISO/IEC 7816-3 (Identification Card) as an asynchronous serial
communication interface extension function. One of the five SCI channels (SCI_0) can generate
an IrDA communication waveform conforming to IrDA specification version 1.0.
Figure 15.1 shows a block diagram of the SCI.
15.1
Features
•
Choice of asynchronous or clocked synchronous serial communication mode
•
Full-duplex communication capability
The transmitter and receiver are mutually independent, enabling transmission and reception to
be executed simultaneously. Double-buffering is used in both the transmitter and the receiver,
enabling continuous transmission and continuous reception of serial data.
•
On-chip baud rate generator allows any bit rate to be selected
External clock can be selected as a transfer clock source (except for in Smart Card interface
mode).
•
Choice of LSB-first or MSB-first transfer (except in the case of asynchronous mode 7-bit
data)
•
Four interrupt sources
Four interrupt sources
 transmit-end, transmit-data-empty, receive-data-full, and receive
error
 that can issue requests. The transmit-data-empty interrupt and receive data full
interrupts can activate the data transfer controller (DTC) or DMA controller (DMAC).
•
Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com