công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 851 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 851 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 847Page - Renesas Technology Corp H8S/2454 Datasheet HTML 848Page - Renesas Technology Corp H8S/2454 Datasheet HTML 849Page - Renesas Technology Corp H8S/2454 Datasheet HTML 850Page - Renesas Technology Corp H8S/2454 Datasheet HTML 851Page - Renesas Technology Corp H8S/2454 Datasheet HTML 852Page - Renesas Technology Corp H8S/2454 Datasheet HTML 853Page - Renesas Technology Corp H8S/2454 Datasheet HTML 854Page - Renesas Technology Corp H8S/2454 Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1376 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 821 of 1342
REJ09B0467-0100
14.6
Usage Notes
14.6.1
Notes on Register Access
The watchdog timer’s TCNT, TCSR, and RSTCSR registers differ from other registers in being
more difficult to write to. The procedures for writing to and reading these registers are given
below.
(1) Writing to TCNT, TCSR, and RSTCSR
TCNT and TCSR must be written to by a word transfer instruction. They cannot be written to by a
byte transfer instruction.
TCNT and TCSR both have the same write address. Therefore, satisfy the relative condition
shown in figure 14.4 to write to TCNT or TCSR. The transfer instruction writes the lower byte
data to TCNT or TCSR according to the satisfied condition.
To write to RSTCSR, execute a word transfer instruction for address H'FFBE. A byte transfer
instruction cannot perform writing to RSTCSR.
The method of writing 0 to the WOVF bit differs from that of writing to the RSTE bit. To write 0
to the WOVF bit, satisfy the lower condition shown in figure 14.4.
If satisfied, the transfer instruction clears the WOVF bit to 0, but has no effect on the RSTE bit.
To write to the RSTE bit, satisfy the above condition shown in figure 14.4. If satisfied, the transfer
instruction writes the value in bit 6 of the lower byte into the RSTE bit, but has no effect on the
WOVF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com