công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 854 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 854 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 850Page - Renesas Technology Corp H8S/2454 Datasheet HTML 851Page - Renesas Technology Corp H8S/2454 Datasheet HTML 852Page - Renesas Technology Corp H8S/2454 Datasheet HTML 853Page - Renesas Technology Corp H8S/2454 Datasheet HTML 854Page - Renesas Technology Corp H8S/2454 Datasheet HTML 855Page - Renesas Technology Corp H8S/2454 Datasheet HTML 856Page - Renesas Technology Corp H8S/2454 Datasheet HTML 857Page - Renesas Technology Corp H8S/2454 Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1376 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 824 of 1342
REJ09B0467-0100
14.6.5
Internal Reset in Watchdog Timer Mode
This LSI is not reset internally if TCNT overflows while the RSTE bit is cleared to 0 during
watchdog timer mode operation, but TCNT and TCSR of the WDT are reset.
TCNT, TCSR, and RSTCR cannot be written to while the
WDTOVF signal is low. Also note that
a read of the WOVF flag is not recognized during this period. To clear the WOVF flag, therefore,
read TCSR after the
WDTOVF signal goes high, then write 0 to the WOVF flag.
14.6.6
System Reset by
WDTOVF Signal
If the
WDTOVF output signal is input to the RES pin, the chip will not be initialized correctly.
Make sure that the
WDTOVF signal is not input logically to the RES pin.
To reset the entire system by means of the
WDTOVF signal, use the circuit shown in figure 14.6.
Reset input
Reset signal to entire system
This LSI
RES
WDTOVF
Figure 14.6 Circuit for System Reset by
WDTOVF Signal (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com