công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 835 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 835 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 831Page - Renesas Technology Corp H8S/2454 Datasheet HTML 832Page - Renesas Technology Corp H8S/2454 Datasheet HTML 833Page - Renesas Technology Corp H8S/2454 Datasheet HTML 834Page - Renesas Technology Corp H8S/2454 Datasheet HTML 835Page - Renesas Technology Corp H8S/2454 Datasheet HTML 836Page - Renesas Technology Corp H8S/2454 Datasheet HTML 837Page - Renesas Technology Corp H8S/2454 Datasheet HTML 838Page - Renesas Technology Corp H8S/2454 Datasheet HTML 839Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 835 / 1376 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 805 of 1342
REJ09B0467-0100
13.7
Interrupt Sources
13.7.1
Interrupt Sources and DTC Activation
There are three 8-bit timer interrupt sources: CMIA, CMIB, and OVI. Their relative priorities are
shown in table 13.4. Each interrupt source is set as enabled or disabled by the corresponding
interrupt enable bit in TCR or TCSR, and independent interrupt requests are sent for each to the
interrupt controller. It is also possible to activate the DTC by means of CMIA and CMIB
interrupts.
Table 13.4
8-Bit Timer Interrupt Sources
Name
Interrupt Source
Interrupt Flag
DTC Activation
Priority
CMIA0
TCORA_0 compare match
CMFA
Possible
High
CMIB0
TCORB_0 compare match
CMFB
Possible
OVI0
TCNT_0 overflow
OVF
Not possible
Low
CMIA1
TCORA_1 compare match
CMFA
Possible
High
CMIB1
TCORB_1 compare match
CMFB
Possible
OVI1
TCNT_1 overflow
OVF
Not possible
Low
13.7.2
A/D Converter Activation
The A/D converter can be activated only by TMR_0 compare match A. If the ADTE bit in TCSR0
is set to 1 when the CMFA flag is set to 1 by the occurrence of TMR_0 compare match A, a
request to start A/D conversion is sent to the A/D converter. If the 8-bit timer conversion start
trigger has been selected on the A/D converter side at this time, A/D conversion is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com