công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 831 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 831 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 827Page - Renesas Technology Corp H8S/2454 Datasheet HTML 828Page - Renesas Technology Corp H8S/2454 Datasheet HTML 829Page - Renesas Technology Corp H8S/2454 Datasheet HTML 830Page - Renesas Technology Corp H8S/2454 Datasheet HTML 831Page - Renesas Technology Corp H8S/2454 Datasheet HTML 832Page - Renesas Technology Corp H8S/2454 Datasheet HTML 833Page - Renesas Technology Corp H8S/2454 Datasheet HTML 834Page - Renesas Technology Corp H8S/2454 Datasheet HTML 835Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 1376 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 801 of 1342
REJ09B0467-0100
13.5.2
Timing of CMFA and CMFB Setting when Compare-Match Occurs
The CMFA and CMFB flags in TCSR are set to 1 by a compare match signal generated when the
TCOR and TCNT values match. The compare match signal is generated at the last state in which
the match is true, just before the timer counter is updated. Therefore, when TCOR and TCNT
match, the compare match signal is not generated until the next incrementation clock input. Figure
13.6 shows this timing.
TCNT
φ
N
N + 1
TCOR
N
Compare match
signal
CMF
Figure 13.6 Timing of CMF Setting
13.5.3
Timing of Timer Output when Compare-Match Occurs
When compare match A or B occurs, the timer output changes as specified by bits OS3 to OS0 in
TCSR. Figure 13.7 shows the timing when the output is set to toggle at compare match A.
Compare match A
signal
φ
Timer output pin
Figure 13.7 Timing of Timer Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com