công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 839 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 839 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 835Page - Renesas Technology Corp H8S/2454 Datasheet HTML 836Page - Renesas Technology Corp H8S/2454 Datasheet HTML 837Page - Renesas Technology Corp H8S/2454 Datasheet HTML 838Page - Renesas Technology Corp H8S/2454 Datasheet HTML 839Page - Renesas Technology Corp H8S/2454 Datasheet HTML 840Page - Renesas Technology Corp H8S/2454 Datasheet HTML 841Page - Renesas Technology Corp H8S/2454 Datasheet HTML 842Page - Renesas Technology Corp H8S/2454 Datasheet HTML 843Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 839 / 1376 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 809 of 1342
REJ09B0467-0100
13.8.4
Contention between Compare Matches A and B
If compare match events A and B occur at the same time, the 8-bit timer operates in accordance
with the priorities for the output statuses set for compare match A and compare match B, as shown
in table 13.5.
Table 13.5
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1 output
0 output
No change
Low
13.8.5
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 13.6 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1,
CKS0, ICKS1, and ICKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the rising edge or falling edge of the
internal clock pulse is detected. Therefore, when the falling edge is selected, if clock switching
causes a change from high to low level, as shown in case 3 in table 13.6, a TCNT clock pulse is
generated and the TCNT incremented on the assumption that the switchover is a falling edge. This
is the same as when the rising edge is selected.
The erroneous incrementation can also happen when switching between the rising edge and falling
edge of an internal clock or switching between internal and external clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com