công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 683 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 683 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 679Page - Renesas Technology Corp H8S/2454 Datasheet HTML 680Page - Renesas Technology Corp H8S/2454 Datasheet HTML 681Page - Renesas Technology Corp H8S/2454 Datasheet HTML 682Page - Renesas Technology Corp H8S/2454 Datasheet HTML 683Page - Renesas Technology Corp H8S/2454 Datasheet HTML 684Page - Renesas Technology Corp H8S/2454 Datasheet HTML 685Page - Renesas Technology Corp H8S/2454 Datasheet HTML 686Page - Renesas Technology Corp H8S/2454 Datasheet HTML 687Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 683 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 653 of 1342
REJ09B0467-0100
10.17.3
Port J Register (PORTJ)
PORTJ shows the pin states of port J. PORTJ cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7 to 3
Undefined
Reserved
If these bits are read, they will return an undefined
value.
2
PJ2
*
R
The pin state is always read from this register. Bit 2
is reserved for the 145-pin version.
1
0
PJ1
PJ0
*
*
R
R
If this register is read, the PJDR values are read for
the bits with the corresponding PJDDR bits set to 1.
For the bits with the corresponding PJDDR bits
cleared to 0, the pin states are read.
Note:
*
Determined by the state of pins PJ0 to PJ2.
10.17.4
Port J Open Drain Control Register (PJODR)
PJODR specifies the output type of each port J pin.
Bit
Bit Name
Initial Value
R/W
Description
7 to 2
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
1
0
PJ1ODR
PJ0ODR
0
0
R/W
R/W
Setting a PJODR bit to 1 makes the corresponding
pin an NMOS open-drain output pin, while clearing
a PJODR bit to 0 makes the corresponding pin a
CMOS output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com