| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2454 bảng dữ liệu(PDF) 681 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 bảng dữ liệu(HTML) 681 Page - Renesas Technology Corp |
|
681 / 1376 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 651 of 1342 REJ09B0467-0100 • PH1/CS5/RAS5/SDRAMφ The pin function is switched as shown below according to the combination of the operating mode, bit EXPE, bits RMTS2 to RMTS0 in DRAMCR of the bus controller, bit SDPSTP in SCKCR of the clock pulse generator, bit CS5E in PFCR0 and bit PH1DDR. SDPSTP 1 0 Operating mode 1, 2, 4 7 EXPE 0 1 RMTS2 to RMTS0 Area 5 is normal space Area 5 is DRAM space Area 5 is normal space Area 5 is DRAM space CS5E 0 1 0 1 0 1 0 1 PH1DDR 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Pin function PH1 input PH1 output PH1 input CS5 output PH1 input PH1 output RAS5 output PH1 input PH1 output PH1 input PH1 output PH1 input CS5 output PH1 input PH1 output RAS5 output SDRAM φ output* Notes: * Not supported in the H8S/2456 Group. • PH0/CS4/RAS4/WE* The pin function is switched as shown below according to the combination of the operating mode, bit EXPE, bits RMTS2 to RMTS0 in DRAMCR of the bus controller, bit CS4E in PFCR0, and bit PH0DDR. Operating mode 1, 2, 4 7 EXPE 0 1 CS4E 0 1 0 1 RMTS2 to RMTS0 Area 4 is normal space Area 4 is DRAM space Areas 2 to 5 are syn- chronous DRAM* space Area 4 is normal space Area 4 is DRAM space Areas 2 to 5 are syn- chronous DRAM* space PH0DDR 0 1 0 1 0 1 0 1 0 1 Pin function PH0 input PH0 output PH0 input CS4 output RAS4 output WE* output PH0 input PH0 output PH0 input PH0 output PH0 input CS4 output RAS4 output WE* output Note: * Not supported in the H8S/2456 Group. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |