công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 661 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 661 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 657Page - Renesas Technology Corp H8S/2454 Datasheet HTML 658Page - Renesas Technology Corp H8S/2454 Datasheet HTML 659Page - Renesas Technology Corp H8S/2454 Datasheet HTML 660Page - Renesas Technology Corp H8S/2454 Datasheet HTML 661Page - Renesas Technology Corp H8S/2454 Datasheet HTML 662Page - Renesas Technology Corp H8S/2454 Datasheet HTML 663Page - Renesas Technology Corp H8S/2454 Datasheet HTML 664Page - Renesas Technology Corp H8S/2454 Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1376 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 631 of 1342
REJ09B0467-0100
• PF2/LCAS/DQML/IRQ15-A/SSI0-C (H8S/2456 Group and H8S/2456R Group)
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE
in SSER of SSU, bits RMTS2 to RMTS0 in DRAMCR of the bus controller, bits ABW5 to
ABW2 in ABWCR, bits SSI0S1 and SSI0S0 in PFCR5, and bit PF2DDR.
• Modes 1, 2, 4, and 7 (EXPE = 1)
Areas 2 to 5
Any DRAM/
synchronous DRAM
space area is 16-bit
bus space
All DRAM/synchronous DRAM space areas are
8-bit bus space, or areas 2 to 5 are all normal space
SSU settings
Can be used as I/O port
Input state
Output state
PF2DDR
0
1
0
LCAS output
DQML*
3 output
PF2 input
PF2 output
SSI0-C
input*
2
SSI0-C
output*
3
Pin function
IRQ15-A interrupt input*1
• Mode 7 (EXPE = 0)
Areas 2 to 5
SSU settings
Can be used as I/O port
Input state
Output state
PF2DDR
0
1
0
PF2 input
PF2 output
SSI0-C input*
2
SSI0-C output*
3
Pin function
IRQ15-A interrupt input*1
Notes: 1.
IRQ15 input when the ITS15 bit in ITSR is 0.
2. SSI0-C input when SSI0S1 and SSI0S0 = B'10 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'001
×1 or B'10××1.
3. SSI0-C output when SSI0S1 and SSI0S0 = B'10 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'0001
×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com