công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 451 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 451 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 447Page - Renesas Technology Corp H8S/2454 Datasheet HTML 448Page - Renesas Technology Corp H8S/2454 Datasheet HTML 449Page - Renesas Technology Corp H8S/2454 Datasheet HTML 450Page - Renesas Technology Corp H8S/2454 Datasheet HTML 451Page - Renesas Technology Corp H8S/2454 Datasheet HTML 452Page - Renesas Technology Corp H8S/2454 Datasheet HTML 453Page - Renesas Technology Corp H8S/2454 Datasheet HTML 454Page - Renesas Technology Corp H8S/2454 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 421 of 1342
REJ09B0467-0100
(3) EXDMA Transfer Count Register (EDTCR)
When a DMA transfer is performed, the value in EDTCR is decremented by 1. However, when the
EDTCR value is 0, transfers are not counted and the EDTCR value does not change.
EDTCR functions differently in block transfer mode. The upper 8 bits, EDTCR[23:16], are used to
specify the block size, and their value does not change. The lower 16 bits, EDTCR[15:0], function
as a transfer counter, the value of which is decremented by 1 when a DMA transfer is performed.
However, when the EDTCR[15:0] value is 0, transfers are not counted and the EDTCR[15:0]
value does not change.
In normal transfer mode, all of the lower 24 bits of EDTCR may change, so when EDTCR is read
by the CPU during DMA transfer, a longword access must be used. During a transfer operation,
EDTCR may be updated without regard to accesses from the CPU, and the correct values may not
be read if the upper and lower words are read separately. In a longword access, the EXDMAC
buffers the EDTCR value to ensure that the correct value is output.
In block transfer mode, the upper 8 bits are never updated, so there is no problem with using word
access.
Do not write to EDTCR for a channel on which a transfer operation is in progress. If there is
contention between an address update associated with DMA transfer and a write by the CPU, the
CPU write has priority.
In the event of contention between an EDTCR update from 1 to 0 and a write (of a nonzero value)
by the CPU, the CPU write value has priority as the EDTCR value, but transfer is terminated.
Transfer does not end if the CPU writes 0 to EDTCR.
Figure 8.11 shows EDTCR update operations in normal transfer mode and block transfer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com