công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 455 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 455 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 451Page - Renesas Technology Corp H8S/2454 Datasheet HTML 452Page - Renesas Technology Corp H8S/2454 Datasheet HTML 453Page - Renesas Technology Corp H8S/2454 Datasheet HTML 454Page - Renesas Technology Corp H8S/2454 Datasheet HTML 455Page - Renesas Technology Corp H8S/2454 Datasheet HTML 456Page - Renesas Technology Corp H8S/2454 Datasheet HTML 457Page - Renesas Technology Corp H8S/2454 Datasheet HTML 458Page - Renesas Technology Corp H8S/2454 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 425 of 1342
REJ09B0467-0100
(1) Transfer Requests from Multiple Channels (Except Auto Request Cycle Steal Mode)
If transfer requests for different channels are issued during a transfer operation, the highest-
priority channel (excluding the currently transferring channel) is selected. The selected channel
begins transfer after the currently transferring channel releases the bus. If there is a bus request
from a bus master other than the EXDMAC at this time, a cycle for the other bus master is
initiated. If there is no other bus request, the bus is released for one cycle.
Channel switching does not take place during a burst transfer or a block transfer of a single block.
Figure 8.13 shows a case in which transfer requests for channels 2 and 3 are issued
simultaneously. The example shown in the figure illustrates the handling of external requests in
the cycle steal mode.
Channel 2 transfer
φ
Idle
Bus
release
Address bus
EXDMA control
Channel 3 transfer
Channel 2
Channel 3
Channel 2
Request
held
Selected
Channel 3
Request cleared
Request cleared
Bus
release
Channel 2
Channel 3
Figure 8.13 Example of Channel Priority Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com