công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 449 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 449 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 445Page - Renesas Technology Corp H8S/2454 Datasheet HTML 446Page - Renesas Technology Corp H8S/2454 Datasheet HTML 447Page - Renesas Technology Corp H8S/2454 Datasheet HTML 448Page - Renesas Technology Corp H8S/2454 Datasheet HTML 449Page - Renesas Technology Corp H8S/2454 Datasheet HTML 450Page - Renesas Technology Corp H8S/2454 Datasheet HTML 451Page - Renesas Technology Corp H8S/2454 Datasheet HTML 452Page - Renesas Technology Corp H8S/2454 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 419 of 1342
REJ09B0467-0100
External memory
Range of
EDSAR values
First block
transfer
Second block
transfer
H'23FFFE
H'23FFFF
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
H'240008
H'240009
H'240000
H'240001
H'240002
H'240003
H'240004
H'240005
H'240006
H'240007
H'240000
H'240001
H'240002
H'240003
H'240004
H'240000
H'240001
H'240005
H'240006
H'240007
:
:
Interrupt
requested
Block transfer
in progress
When lower 3 bits (8-byte area) of EDSAR are designated as repeat area (SARA4 to SARA0 = 3),
and block size of 5 (EDTCR[23–16] = 5) is set in block transfer mode
Figure 8.10 Example of Repeat Area Function Operation in Block Transfer Mode
8.4.7
Registers during DMA Transfer Operation
EXDMAC register values are updated as DMA transfer processing is performed. The updated
values depend on various settings and the transfer status. The following registers and bits are
updated: EDSAR, EDDAR, EDTCR, and bits EDA, BEF, and IRF in EDMDR,
(1) EXDMA Source Address Register (EDSAR)
When the EDSAR address is accessed as the transfer source, after the EDSAR value is output,
EDSAR is updated with the address to be accessed next. Bits SAT1 and SAT0 in EDACR specify
incrementing or decrementing. The address is fixed when SAT1 = 0, incremented when SAT1 = 1
and SAT0 = 0, and decremented when SAT1 = 1 and SAT0 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com