công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2454 bảng dữ liệu(PDF) 445 Page - Renesas Technology Corp

tên linh kiện H8S/2454
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 bảng dữ liệu(HTML) 445 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 441Page - Renesas Technology Corp H8S/2454 Datasheet HTML 442Page - Renesas Technology Corp H8S/2454 Datasheet HTML 443Page - Renesas Technology Corp H8S/2454 Datasheet HTML 444Page - Renesas Technology Corp H8S/2454 Datasheet HTML 445Page - Renesas Technology Corp H8S/2454 Datasheet HTML 446Page - Renesas Technology Corp H8S/2454 Datasheet HTML 447Page - Renesas Technology Corp H8S/2454 Datasheet HTML 448Page - Renesas Technology Corp H8S/2454 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 415 of 1342
REJ09B0467-0100
(2) Block Transfer Mode
In block transfer mode, the number of bytes or words specified by the block size is transferred in
response to one transfer request. The upper 8 bits of EDTCR specify the block size, and the lower
16 bits function as a 16-bit transfer counter. A block size of 1 to 256 can be specified. During
transfer of a block, transfer requests for other higher-priority channels are held pending. When
transfer of one block is completed, the bus is released in the next cycle.
When the BGUP bit is set to 1 in EDMDR, the bus is released if a bus request is issued by another
bus master during block transfer.
Address register values are updated in the same way as in normal mode. There is no function for
restoring the initial address register values after each block transfer.
The
ETEND signal is output for each block transfer in the DMA transfer cycle in which the block
ends. The
EDRAK signal is output once for one transfer request (for transfer of one block).
Caution is required when setting the repeat area overflow interrupt of the repeat area function in
block transfer mode. See section 8.4.6, Repeat Area Function, for details.
Block transfer is aborted if an NMI interrupt is generated. See section 8.4.12, Ending DMA
Transfer, for details.
Figure 8.8 shows an example of DMA transfer timing in block transfer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com