| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 172 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 172 Page - Renesas Technology Corp |
|
172 / 1376 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 142 of 1342 REJ09B0467-0100 Table 5.5 Number of States in Interrupt Handling Routine Execution Statuses Object of Access External Device 8 Bit Bus 16 Bit Bus Symbol Internal Memory 2-State Access 3-State Access 2-State Access 3-State Access Instruction fetch S I 1 4 6+2m 2 3+m Branch address read S J Stack manipulation S K Legend: m: Number of wait states in an external device access. 5.6.5 DTC and DMAC Activation by Interrupt The DTC and DMAC can be activated by an interrupt. In this case, the following options are available: • Interrupt request to CPU • Activation request to DTC • Activation request to DMAC • Selection of a number of the above For details of interrupt requests that can be used to activate the DTC and DMAC, see table 5.2 and section 9, Data Transfer Controller (DTC) and section 7, DMA Controller (DMAC). |