| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp |
|
26 / 1376 page ![]() Rev. 1.00 Sep. 19, 2008 Page xxvi of xxx 17.4.3 Master Receive Operation .................................................................................. 1002 17.4.4 Slave Transmit Operation ................................................................................... 1004 17.4.5 Slave Receive Operation..................................................................................... 1007 17.4.6 Noise Canceler.................................................................................................... 1009 17.4.7 Example of Use................................................................................................... 1009 17.5 Interrupt Request.............................................................................................................. 1014 17.6 Bit Synchronous Circuit................................................................................................... 1015 17.7 Usage Notes ..................................................................................................................... 1016 Section 18 A/D Converter ............................................................................... 1017 18.1 Features............................................................................................................................ 1017 18.2 Input/Output Pins ............................................................................................................. 1020 18.3 Register Descriptions ....................................................................................................... 1022 18.3.1 A/D Data Registers A to H (ADDRA to ADDRH) ............................................ 1023 18.3.2 A/D Control/Status Register for Unit 0 (ADCSR_0).......................................... 1025 18.3.3 A/D Control/Status Register for Unit 1 (ADCSR_1).......................................... 1027 18.3.4 A/D Control Register (ADCR_0) Unit 0 ............................................................ 1030 18.3.5 A/D Control Register (ADCR_1) Unit 1 ............................................................ 1032 18.4 Operation ......................................................................................................................... 1034 18.4.1 Single Mode........................................................................................................ 1034 18.4.2 Scan Mode .......................................................................................................... 1036 18.4.3 Input Sampling and A/D Conversion Time ........................................................ 1040 18.4.4 External Trigger Input Timing............................................................................ 1042 18.5 Interrupt Source ............................................................................................................... 1043 18.6 A/D Conversion Accuracy Definitions ............................................................................ 1044 18.7 Usage Notes ..................................................................................................................... 1046 18.7.1 Module Stop Function Setting ............................................................................ 1046 18.7.2 A/D Input Hold Function in Software Standby Mode ........................................ 1046 18.7.3 Restarting the A/D Converter ............................................................................. 1046 18.7.4 Permissible Signal Source Impedance ................................................................ 1047 18.7.5 Influences on Absolute Accuracy ....................................................................... 1047 18.7.6 Setting Range of Analog Power Supply and Other Pins..................................... 1048 18.7.7 Notes on Board Design ....................................................................................... 1048 18.7.8 Notes on Noise Countermeasures ....................................................................... 1049 Section 19 D/A Converter ............................................................................... 1051 19.1 Features............................................................................................................................ 1051 19.2 Input/Output Pins ............................................................................................................. 1053 19.3 Register Descriptions ....................................................................................................... 1053 19.3.1 D/A Data Registers 2 and 3 (DADR2 and DADR3)........................................... 1053 |