| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 1376 page ![]() Rev. 1.00 Sep. 19, 2008 Page xxiii of xxx 15.4.3 Clock..................................................................................................................... 862 15.4.4 SCI Initialization (Asynchronous Mode) .............................................................. 863 15.4.5 Data Transmission (Asynchronous Mode) ........................................................... 864 15.4.6 Serial Data Reception (Asynchronous Mode) ...................................................... 866 15.5 Multiprocessor Communication Function.......................................................................... 870 15.5.1 Multiprocessor Serial Data Transmission ............................................................. 871 15.5.2 Multiprocessor Serial Data Reception .................................................................. 873 15.6 Operation in Clocked Synchronous Mode ......................................................................... 877 15.6.1 Clock..................................................................................................................... 877 15.6.2 SCI Initialization (Clocked Synchronous Mode).................................................. 878 15.6.3 Serial Data Transmission (Clocked Synchronous Mode) ..................................... 878 15.6.4 Serial Data Reception (Clocked Synchronous Mode) .......................................... 881 15.6.5 Simultaneous Serial Data Transmission and Reception (Clocked Synchronous Mode) .............................................................................. 883 15.7 Operation in Smart Card Interface Mode........................................................................... 885 15.7.1 Pin Connection Example ...................................................................................... 885 15.7.2 Data Format (Except for Block Transfer Mode)................................................... 886 15.7.3 Block Transfer Mode ............................................................................................ 887 15.7.4 Receive Data Sampling Timing and Reception Margin ....................................... 888 15.7.5 Initialization.......................................................................................................... 890 15.7.6 Data Transmission (Except for Block Transfer Mode)......................................... 891 15.7.7 Serial Data Reception (Except for Block Transfer Mode) .................................... 893 15.7.8 Clock Output Control............................................................................................ 895 15.8 IrDA Operation ..................................................................................................................898 15.9 Interrupt Sources................................................................................................................ 901 15.9.1 Interrupts in Normal Serial Communication Interface Mode ............................... 901 15.9.2 Interrupts in Smart Card Interface Mode .............................................................. 903 15.10 Usage Notes ....................................................................................................................... 905 15.10.1 Module Stop Mode Setting ................................................................................... 905 15.10.2 Break Detection and Processing ........................................................................... 905 15.10.3 Mark State and Break Sending ............................................................................. 905 15.10.4 Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only) ..................................................................... 905 15.10.5 Relation between Writes to TDR and the TDRE Flag .......................................... 906 15.10.6 Restrictions on Use of DMAC or DTC................................................................. 906 15.10.7 Operation in Case of Mode Transition.................................................................. 907 Section 16 USB Function Module (USB)..........................................................911 16.1 Features.............................................................................................................................. 911 16.2 Input/Output Pins ...............................................................................................................912 |