| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 97 Page - Renesas Technology Corp |
|
97 / 1376 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 67 of 1342 REJ09B0467-0100 Table 2.9 System Control Instructions Instruction Size* Function TRAPA — Starts trap-instruction exception handling. RTE — Returns from an exception-handling routine. SLEEP — Causes a transition to a power-down state. LDC B/W (EAs) → CCR, (EAs) → EXR Moves the contents of a general register or memory, or immediate data to CCR or EXR. Although CCR and EXR are 8-bit registers, word-size transfers are performed between them and memory. The upper 8 bits are valid. STC B/W CCR → (EAd), EXR → (EAd) Transfers CCR or EXR contents to a general register or memory. Although CCR and EXR are 8-bit registers, word-size transfers are performed between them and memory. The upper 8 bits are valid. ANDC B CCR ∧ #IMM → CCR, EXR ∧ #IMM → EXR Logically ANDs the CCR or EXR contents with immediate data. ORC B CCR ∨ #IMM → CCR, EXR ∨ #IMM → EXR Logically ORs the CCR or EXR contents with immediate data. XORC B CCR ⊕ #IMM → CCR, EXR ⊕ #IMM → EXR Logically exclusive-ORs the CCR or EXR contents with immediate data. NOP — PC + 2 → PC Only increments the program counter. Note: * Size refers to the operand size. B: Byte W: Word |