| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 87 Page - Renesas Technology Corp |
|
87 / 1376 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 57 of 1342 REJ09B0467-0100 2.5.2 Memory Data Formats Figure 2.10 shows the data formats in memory. The H8S/2600 CPU can access word data and longword data in memory, but word or longword data must begin at an even address. If an attempt is made to access word or longword data at an odd address, no address error occurs but the least significant bit of the address is regarded as 0, so the access starts at the preceding address. This also applies to instruction fetches. When SP (ER7) is used as an address register to access the stack, the operand size should be word size or longword size. 70 76 543210 MSB LSB MSB MSB LSB LSB Data Type Address 1-bit data Byte data Word data Address L Address L Address 2M Address 2M+1 Longword data Address 2N Address 2N+1 Address 2N+2 Address 2N+3 Data Format Figure 2.10 Memory Data Formats |