| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 84 Page - Renesas Technology Corp |
|
84 / 1376 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 54 of 1342 REJ09B0467-0100 Bit Bit Name Initial Value R/W Description 2 Z Undefined R/W Zero Flag Set to 1 to indicate zero data, and cleared to 0 to indicate non-zero data. 1 V Undefined R/W Overflow Flag Set to 1 when an arithmetic overflow occurs, and cleared to 0 otherwise. 0 C Undefined R/W Carry Flag Set to 1 when a carry occurs, and cleared to 0 otherwise. Used by: • Add instructions, to indicate a carry • Subtract instructions, to indicate a borrow • Shift and rotate instructions, to indicate a carry The carry flag is also used as a bit accumulator by bit manipulation instructions. 2.4.5 Multiply-Accumulate Register (MAC) This 64-bit register stores the results of multiply-and-accumulate operations. It consists of two 32- bit registers denoted MACH and MACL. The lower 10 bits of MACH are valid; the upper bits are a sign extension. 2.4.6 Initial Values of CPU Internal Registers When the reset exception handling loads the start address from the vector address, PC is initialized, the T bit in EXR is cleared to 0, and the I bits in EXR and CCR are set to 1. However, the general registers and the other CCR bits are not initialized. The initial value of SP (ER7) is undefined. SP should therefore be initialized by using the MOV.L instruction immediately after a reset. |