công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 59Page - Renesas Technology Corp H8S/2456 Datasheet HTML 60Page - Renesas Technology Corp H8S/2456 Datasheet HTML 61Page - Renesas Technology Corp H8S/2456 Datasheet HTML 62Page - Renesas Technology Corp H8S/2456 Datasheet HTML 63Page - Renesas Technology Corp H8S/2456 Datasheet HTML 64Page - Renesas Technology Corp H8S/2456 Datasheet HTML 65Page - Renesas Technology Corp H8S/2456 Datasheet HTML 66Page - Renesas Technology Corp H8S/2456 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1376 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 33 of 1342
REJ09B0467-0100
Pin No.
H8S/2456, H8S/2456R
H8S/2454
Type
Symbol
144-Pin
145-Pin
120-Pin
I/O
Function
Interrupts
NMI
40
N1
32
Input
Nonmaskable interrupt request pin.
This pin should be fixed high when
not used.
IRQ15-A to
IRQ8-A*3
86, 85,
106 to 104,
83 to 81
H10, H12,
C13, D12,
D10, J10,
K13, J12
IRQ7-A to
IRQ0-A
31 to 28,
136 to 133
J3, K2, J1,
K4, D4,
C6, B5, A6
29 to 26,
112 to 109
IRQ15-B to
IRQ13-B*3
IRQ8-B*3
58 to 56
51
K7, L8, N7,
L6,
IRQ7-B to
IRQ0-B
38, 37,
61 to 59,
34, 33, 3
M2, N2,
M8, N8,
K8, K3, L2,
C2
102 to 95
These pins request a maskable
interrupt.
The input pins of
IRQn-A and IRQn-B
are selected by the IRQ pin select
register (ITSR) of the interrupt
controller.
(n = 0 to 15, m=0 to 8, 13 to 15 for
the H8S/2456R Group and
H8S/2456)
(n = 0 to 7 for the H8S/2454 Group)
DREQ1
DREQ0
82
81
K13
J12
35
34
Input
These signals request DMAC
activation.
DMA
controller
(DMAC)
TEND1
TEND0
104
83
D10
J10
37
36
Output These signals indicate the end of
DMAC data transfer.
DACK1
DACK0
106
105
C13
D12
39
38
Output DMAC single address transfer
acknowledge signals.
EDREQ3
EDREQ2
33
3
L2
C2
Input
These signals request EXDMAC
activation.
EXDMA
controller
(EXDMAC)
*3
ETEND3
ETEND2
59
34
K8
K3
Output These signals indicate the end of
EXDMAC data transfer.
EDACK3
EDACK2
61
60
M8
N8
Output EXDMAC single address transfer
acknowledge signals.
EDRAK3
EDRAK2
49
48
L5
K6
Output These signals notify an external
device of acceptance and start of
execution of a DMA transfer request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More