công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 174 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 174 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 170Page - Renesas Technology Corp H8S/2456 Datasheet HTML 171Page - Renesas Technology Corp H8S/2456 Datasheet HTML 172Page - Renesas Technology Corp H8S/2456 Datasheet HTML 173Page - Renesas Technology Corp H8S/2456 Datasheet HTML 174Page - Renesas Technology Corp H8S/2456 Datasheet HTML 175Page - Renesas Technology Corp H8S/2456 Datasheet HTML 176Page - Renesas Technology Corp H8S/2456 Datasheet HTML 177Page - Renesas Technology Corp H8S/2456 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 1376 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 144 of 1342
REJ09B0467-0100
5.7.2
Instructions that Disable Interrupts
Instructions that disable interrupts are LDC, ANDC, ORC, and XORC. After any of these
instructions is executed, all interrupts including NMI are disabled and the next instruction is
always executed. When the I bit is set by one of these instructions, the new value becomes valid
two states after execution of the instruction ends.
5.7.3
Times when Interrupts are Disabled
There are times when interrupt acceptance is disabled by the interrupt controller. The interrupt
controller disables interrupt acceptance for a 3-state period after the CPU has updated the mask
level with an LDC, ANDC, ORC, or XORC instruction.
5.7.4
Interrupts during Execution of EEPMOV Instruction
Interrupt operation differs between the EEPMOV.B instruction and the EEPMOV.W instruction.
With the EEPMOV.B instruction, an interrupt request (including NMI) issued during the transfer
is not accepted until the transfer is completed.
With the EEPMOV.W instruction, if an interrupt request is issued during the transfer, interrupt
exception handling starts at a break in the transfer cycle. The PC value saved on the stack in this
case is the address of the next instruction. Therefore, if an interrupt is generated during execution
of an EEPMOV.W instruction, the following coding should be used.
L1:
EEPMOV.W
MOV.W
R4,R4
BNEL1
5.7.5
Change of IRQ Pin Select Register (ITSR) Setting
When the ITSR setting is changed, an edge occurs internally and the IRQnF bit (n = 0 to 15 for
H8S/2456 Group, n = 0 to 7 for H8S/2454 Group) of ISR may be set to 1 at the unintended timing
if the selected pin level before the change is different from the selected pin level after the change.
If the IRQn interrupt request (n = 0 to 15 for H8S/2456 Group, n = 0 to 7 for H8S/2454 Group) is
enabled, the interrupt exception handling is executed. To prevent the unintended interrupt, ITSR
setting should be changed while the IRQn interrupt request is disabled, then the IRQnF bit should
be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More