| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 171 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 171 Page - Renesas Technology Corp |
|
171 / 1376 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 141 of 1342 REJ09B0467-0100 5.6.4 Interrupt Response Times Table 5.4 shows interrupt response times - the interval between generation of an interrupt request and execution of the first instruction in the interrupt handling routine. The execution status symbols used in table 5.4 are explained in table 5.5. This LSI is capable of fast word transfer to on-chip memory, and have the program area in on-chip ROM and the stack area in on-chip RAM, enabling high-speed processing. Table 5.4 Interrupt Response Times Normal Mode* 5 Advanced Mode No. Execution Status Interrupt control mode 0 Interrupt control mode 2 Interrupt control mode 0 Interrupt control mode 2 1 Interrupt priority determination* 1 3 3 3 3 2 Number of wait states until executing instruction ends* 2 1 to 19 +2·S I 1 to 19+2·S I 1 to 19+2·S I 1 to 19+2·S I 3 PC, CCR, EXR stack save 2·S K 3·S K 2·S K 3·S K 4 Vector fetch S I S I 2·S I 2·S I 5 Instruction fetch* 3 2·S I 2·S I 2·S I 2·S I 6 Internal processing* 4 2 2 2 2 Total (using on-chip memory) 11 to 31 12 to 32 12 to 32 13 to 33 Notes: 1. Two states in case of internal interrupt. 2. Refers to MULXS and DIVXS instructions. 3. Prefetch after interrupt acceptance and interrupt handling routine prefetch. 4. Internal processing after interrupt acceptance and internal processing after vector fetch. 5. Not available in this LSI. |