| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 168 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 168 Page - Renesas Technology Corp |
|
168 / 1376 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 138 of 1342 REJ09B0467-0100 Yes Program execution status Interrupt generated? NMI Level 6 interrupt? Mask level 5 or below? Level 7 interrupt? Mask level 6 or below? Save PC, CCR, and EXR Clear T bit to 0 Update mask level Read vector address Branch to interrupt handling routine Hold pending Level 1 interrupt? Mask level 0? Yes Yes No Yes Yes Yes No Yes Yes No No No No No No Figure 5.4 Flowchart of Procedure Up to Interrupt Acceptance in Interrupt Control Mode 2 |