| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 846 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 846 Page - Renesas Technology Corp |
|
846 / 1376 page ![]() Section 14 Watchdog Timer (WDT) Rev. 1.00 Sep. 19, 2008 Page 816 of 1342 REJ09B0467-0100 Bit Bit Name Initial Value R/W Description 6 WT/ IT 0 R/W Timer Mode Select Selects whether the WDT is used as a watchdog timer or interval timer. 0: Interval timer mode When TCNT overflows, an interval timer interrupt (WOVI) is requested. 1: Watchdog timer mode When TCNT overflows, the WDTOVF signal is output. 5 TME 0 R/W Timer Enable When this bit is set to 1, TCNT starts counting. When this bit is cleared, TCNT stops counting and is initialized to H'00. 4, 3 — All 1 — Reserved These bits are always read as 1 and cannot be modified. 2 1 0 CKS2 CKS1 CKS0 0 0 0 R/W R/W R/W Clock Select 2 to 0 Selects the clock source to be input to TCNT. The overflow frequency for φ = 20 MHz is enclosed in parentheses. 000: Clock φ/2 (frequency: 25.6 µs) 001: Clock φ/64 (frequency: 819.2 µs) 010: Clock φ/128 (frequency: 1.6 ms) 011: Clock φ/512 (frequency: 6.6 ms) 100: Clock φ/2048 (frequency: 26.2 ms) 101: Clock φ/8192 (frequency: 104.9 ms) 110: Clock φ/32768 (frequency: 419.4 ms) 111: Clock φ/131072 (frequency: 1.68 s) Note: * Only a write of 0 is permitted, to clear the flag. |